Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR194 Datasheet (PDF) - Siemens Semiconductor Group

BFR194 Datasheet PDF - Siemens Semiconductor Group
Part # BFR194
Download  BFR194 Download
File Size   57.41 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)

BFR194 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR194 Datasheet PDF - Siemens Semiconductor Group

Part # BFR194
Download  BFR194 Click to download

File Size   57.41 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)

BFR194 Datasheet (HTML) - Siemens Semiconductor Group


BFR194 Product details

PNP Silicon RF Transistor

• For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents from 20mA to 80mA
• Complementary type: BFR 106 (NPN)




Similar Part No. - BFR194

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFR19 ETC1-BFR19 Datasheet
146Kb / 1P
Medium Power Amplifiers and Switches
logo
Siemens Semiconductor G...
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
logo
Infineon Technologies A...
BFR193 INFINEON-BFR193 Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFR193 INFINEON-BFR193 Datasheet
78Kb / 7P
NPN Silicon RF Transistor
2007-03-30
BFR193 INFINEON-BFR193 Datasheet
514Kb / 6P
NPN Bipolar RF Transistor
2012-08-09
More results


Similar Description - BFR194

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG135A SIEMENS-BFG135A Datasheet
49Kb / 6P
NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
BFG194 SIEMENS-BFG194 Datasheet
65Kb / 7P
PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications)
BFG196 SIEMENS-BFG196 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
BFG235 SIEMENS-BFG235 Datasheet
48Kb / 6P
NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
BFP194 SIEMENS-BFP194 Datasheet
60Kb / 7P
PNP Silicon RF Transistor (For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents)
BFP196 SIEMENS-BFP196 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
BFQ19S SIEMENS-BFQ19S Datasheet
28Kb / 4P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna and)
BFQ73S SIEMENS-BFQ73S Datasheet
677Kb / 13P
NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com