Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP520 Datasheet (PDF) - Siemens Semiconductor Group

BFP520 Datasheet PDF - Siemens Semiconductor Group
Part # BFP520
Download  BFP520 Download
File Size   48.56 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V)

BFP520 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP520 Datasheet PDF - Siemens Semiconductor Group

Part # BFP520
Download  BFP520 Click to download

File Size   48.56 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V)

BFP520 Datasheet (HTML) - Siemens Semiconductor Group


BFP520 Product details

NPN Silicon RF Transistor

Preliminary data
• For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V
   Outstanding Ga = 20 dB
   Noise Figure F = 0.95 dB
• For oscillators up to 15 GHz
• Transition frequency fT = 45 GHz
• Gold metalization for high reliability
• SIEGET ® 45 - Line
   Siemens Grounded Emitter Transistor
   45 GHz fT - Line




Similar Part No. - BFP520

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520 Datasheet
92Kb / 8P
NPN Silicon RF Transistor
Sep-26-2001
logo
List of Unclassifed Man...
BFP520 ETC-BFP520 Datasheet
341Kb / 4P
TRANZYSTORY NPN
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520 Datasheet
110Kb / 10P
NPN Silicon RF Transistor
2010-08-16
BFP520 INFINEON-BFP520 Datasheet
576Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2015-10-12
BFP520F INFINEON-BFP520F Datasheet
53Kb / 3P
NPN Silicon RF Transistor
Dec-07-2001
More results


Similar Description - BFP520

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFQ82 SIEMENS-BFQ82 Datasheet
400Kb / 18P
NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)
BFR183 SIEMENS-BFR183 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFR183W SIEMENS-BFR183W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFS481 SIEMENS-BFS481 Datasheet
53Kb / 6P
NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA)
BFY196 SIEMENS-BFY196 Datasheet
120Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com