Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1260 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SB1260 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SB1260
Download  2SB1260 Download
File Size   193.99 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -1 A, -80 V PNP Plastic Encapsulated Transistor

2SB1260 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1260 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SB1260
Download  2SB1260 Click to download

File Size   193.99 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description -1 A, -80 V PNP Plastic Encapsulated Transistor

2SB1260 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SB1260 Product details

FEATURES
♦ High breakdown voltage and high current BVCEO=-80V, IC=-1A
♦ Good hFE linearity
♦ Complements to 2SD1898




Similar Part No. - 2SB1260

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1260 ROHM-2SB1260 Datasheet
80Kb / 3P
Power Transistor
logo
Weitron Technology
2SB1260 WEITRON-2SB1260 Datasheet
109Kb / 5P
PNP Plastic-Encapsulate Transistor
logo
Unisonic Technologies
2SB1260 UTC-2SB1260 Datasheet
57Kb / 4P
POWER TRANSISTOR
logo
Rohm
2SB1260 ROHM-2SB1260 Datasheet
97Kb / 4P
Power Transistor (−80V, −1A)
logo
TRANSYS Electronics Lim...
2SB1260 TEL-2SB1260 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
More results


Similar Description - 2SB1260

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
BCP772 SECOS-BCP772_11 Datasheet
230Kb / 2P
-3 A, -40 V PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com