Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM520B Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM520B Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM520B
Download  SM520B Download
File Size   403.45 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers

SM520B Datasheet (PDF)

Go To PDF Page Download Datasheet
SM520B Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM520B
Download  SM520B Click to download

File Size   403.45 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers

SM520B Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM520B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM520B SECOS-SM520B Datasheet
292Kb / 2P
5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM520B TAYCHIPST-SM520B Datasheet
3Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM520B LRC-SM520B Datasheet
172Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Goodwork Semiconductor ...
SM520B GWSEMI-SM520B Datasheet
65Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
First Silicon Co., Ltd
SM520B FS-SM520B Datasheet
232Kb / 4P
SM520B 5.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SM520B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1S20 SECOS-1S20 Datasheet
279Kb / 2P
VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
SCD12 SECOS-SCD12 Datasheet
320Kb / 2P
VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD22 SECOS-SCD22 Datasheet
267Kb / 2P
VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SM5150A SECOS-SM5150A Datasheet
202Kb / 2P
Voltage 150V 5.0 Amp Schottky Barrier Rectifiers
SM5150B SECOS-SM5150B Datasheet
231Kb / 2P
Voltage 150V 5.0 Amp Schottky Barrier Rectifiers
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
SM5100A SECOS-SM5100A Datasheet
425Kb / 2P
Voltage 100V 5.0 Amp Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com