Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2020D Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM2020D Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM2020D
Download  SM2020D Download
File Size   298.71 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers

SM2020D Datasheet (PDF)

Go To PDF Page Download Datasheet
SM2020D Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM2020D
Download  SM2020D Click to download

File Size   298.71 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers

SM2020D Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM2020D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2020D SECOS-SM2020D Datasheet
62Kb / 2P
20.0 AMP Surface Mount Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_15 Datasheet
304Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results


Similar Description - SM2020D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR2045F SECOS-SBR2045F Datasheet
173Kb / 2P
VOLTAGE 45V 20.0 Amp Schottky Barrier Rectifiers
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
SBL20H100RF SECOS-SBL20H100RF Datasheet
309Kb / 2P
VOLTAGE 100V 20.0 Amp Low VF Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060_11 Datasheet
288Kb / 2P
Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_11 Datasheet
331Kb / 2P
Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R_11 Datasheet
311Kb / 2P
Voltage 100V 20.0 Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com