Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9608-125EBZ Datasheet (PDF) - Analog Devices

AD9608-125EBZ Datasheet PDF - Analog Devices
Part # AD9608-125EBZ
Download  AD9608-125EBZ Download
File Size   1165.63 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)

AD9608-125EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9608-125EBZ Datasheet PDF - Analog Devices

Part # AD9608-125EBZ
Download  AD9608-125EBZ Click to download

File Size   1165.63 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)

AD9608-125EBZ Datasheet (HTML) - Analog Devices


AD9608-125EBZ Product details

GENERAL DESCRIPTION
The AD9608 is a monolithic, dual-channel, 1.8 V supply, 10-bit, 105 MSPS/125 MSPS analog-to-digital converter (ADC) that features a high performance sample-and-hold circuit and an on-chip voltage reference. The product uses multistage differential pipeline architecture with output error correction logic to provide 10-bit accuracy at 125 MSPS data rates and to guarantee no missing codes over the full operating temperature range.

FEATURES
1.8 V analog supply operation
1.8 V CMOS or 1.8 V LVDS output
SNR = 61.7 dBFS at 70 MHz
SFDR = 85 dBc at 70 MHz
Low power: 71 mW/channel ADC core at 125 MSPS
Differential analog input with 650 MHz bandwidth
IF sampling frequencies to 200 MHz
On-chip voltage reference and sample-and-hold circuit
2 V p-p differential analog input
DNL = ±0.13 LSB
Serial port control options
  Offset binary, Gray code, or twos complement data format
  Optional clock duty cycle stabilizer
  Integer 1-to-8 input clock divider
  Data output multiplex option
  Built-in selectable digital test pattern generation
  Energy-saving power-down modes
  Data clock out with programmable clock and data alignment




Similar Part No. - AD9608-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9608-125EBZ AD-AD9608-125EBZ Datasheet
1Mb / 41P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. C
More results


Similar Description - AD9608-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9628 AD-AD9628 Datasheet
1,023Kb / 44P
12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9628 AD-AD9628_15 Datasheet
1Mb / 42P
12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. C
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com