Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOT05CU Datasheet (PDF) - Protek Devices

PSOT05CU Datasheet PDF - Protek Devices
Part # PSOT05CU
Download  PSOT05CU Download
File Size   653.35 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 300 WATT TVS ARRAY

PSOT05CU Datasheet (PDF)

Go To PDF Page Download Datasheet
PSOT05CU Datasheet PDF - Protek Devices

Part # PSOT05CU
Download  PSOT05CU Click to download

File Size   653.35 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 300 WATT TVS ARRAY

PSOT05CU Datasheet (HTML) - Protek Devices


PSOT05CU Product details

DESCRIPTION
The PSOT05CU is a 5 Volt transient voltage suppressor (TVS) array, designed for power or data line applications that provide protection against ESD, tertiary lightning and switching transients. This device offers standard capacitance and low clamping voltage for protection across sensitive interfaces.
The PSOT05CU has a peak pulse power of 300 Watts for an 8/20µs waveshape and can be used to protect one bidirectional line or two unidirectional lines. This device is available in SOT-23 package configuration and meets the IEC 61000-4-2, 61000-4-4 and IEC 61000-4-5 requirements.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-Ground) & Level 2 (Line-Line)
• 300 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Low Clamping Voltage
• Bidirectional Configuration
• RoHS Compliant
• REACh Compliant

APPLICATIONS
• RS-232, RS-422 & RS-423
• Cellular Phones
• Controlling & Monitoring Systems
• Handheld Devices
• Wireless Bus Protection




Similar Part No. - PSOT05CU

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT05CU PROTEC-PSOT05CU_12 Datasheet
655Kb / 6P
300 WATT TVS ARRAY
More results


Similar Description - PSOT05CU

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
300 watt Multi-line TVS ARRAY
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
500 WATT TVS ARRAY
PSOT03LCC PROTEC-PSOT03LCC Datasheet
634Kb / 6P
300 WATT TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_11 Datasheet
635Kb / 6P
300 WATT TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
300 WATT MULTI-LINE TVS ARRAY
PSOT03 PROTEC-PSOT03_12 Datasheet
740Kb / 8P
500 WATT TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_12 Datasheet
637Kb / 6P
300 WATT TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
300 WATT MULTI-LINE TVS ARRAY
PSOT12C-LF PROTEC-PSOT12C-LF Datasheet
463Kb / 8P
500 WATT TVS ARRAY
PSOT05CU PROTEC-PSOT05CU_12 Datasheet
655Kb / 6P
300 WATT TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com