Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOT05CU Datasheet(PDF) 1 Page - Protek Devices

Part # PSOT05CU
Description  300 WATT TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT05CU Datasheet(HTML) 1 Page - Protek Devices

  PSOT05CU Datasheet HTML 1Page - Protek Devices PSOT05CU Datasheet HTML 2Page - Protek Devices PSOT05CU Datasheet HTML 3Page - Protek Devices PSOT05CU Datasheet HTML 4Page - Protek Devices PSOT05CU Datasheet HTML 5Page - Protek Devices PSOT05CU Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05289.R2 8/10
Page 1
PSOT05CU
300 WATT TVS ARRAY
DeSCRiPTiOn
The PSOT05CU is a 5 Volt transient voltage suppressor (TVS) array, designed for power or data line applications that
provide protection against ESD, tertiary lightning and switching transients. This device offers standard capacitance
and low clamping voltage for protection across sensitive interfaces.
The PSOT05CU has a peak pulse power of 300 Watts for an 8/20µs waveshape and can be used to protect one bidi-
rectional line or two unidirectional lines. This device is available in SOT-23 package configuration and meets the IEC
61000-4-2, 61000-4-4 and IEC 61000-4-5 requirements.
FeATUReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Ground) & Level 2 (Line-Line)
• 300 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Low Clamping Voltage
• Bidirectional Configuration
• RoHS Compliant
• REACh Compliant
meChAniCAl ChARACTeRiSTiCS
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPliCATiOnS
• RS-232, RS-422 & RS-423
• Cellular Phones
• Controlling & Monitoring Systems
• Handheld Devices
• Wireless Bus Protection
Pin COnFiGURATiOn
SOT-23 PACkAGe
2
3
1


Similar Part No. - PSOT05CU

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT05CU PROTEC-PSOT05CU_12 Datasheet
655Kb / 6P
300 WATT TVS ARRAY
More results

Similar Description - PSOT05CU

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
300 watt Multi-line TVS ARRAY
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
500 WATT TVS ARRAY
PSOT03LCC PROTEC-PSOT03LCC Datasheet
634Kb / 6P
300 WATT TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_11 Datasheet
635Kb / 6P
300 WATT TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
300 WATT MULTI-LINE TVS ARRAY
PSOT03 PROTEC-PSOT03_12 Datasheet
740Kb / 8P
500 WATT TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_12 Datasheet
637Kb / 6P
300 WATT TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
300 WATT MULTI-LINE TVS ARRAY
PSOT12C-LF PROTEC-PSOT12C-LF Datasheet
463Kb / 8P
500 WATT TVS ARRAY
PSOT05CU PROTEC-PSOT05CU_12 Datasheet
655Kb / 6P
300 WATT TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com