Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSOT05CU Datasheet(PDF) 2 Page - Protek Devices

Part # PSOT05CU
Description  300 WATT TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT05CU Datasheet(HTML) 2 Page - Protek Devices

  PSOT05CU Datasheet HTML 1Page - Protek Devices PSOT05CU Datasheet HTML 2Page - Protek Devices PSOT05CU Datasheet HTML 3Page - Protek Devices PSOT05CU Datasheet HTML 4Page - Protek Devices PSOT05CU Datasheet HTML 5Page - Protek Devices PSOT05CU Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05289.R2 8/10
Page 2
PSOT05CU
TYPiCAl DeViCe ChARACTeRiSTiCS
mAXimUm RATinGS @ 25°C Unless Otherwise Specified
PARAmeTeR
SYmBOl
VAlUe
UniTS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
300
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Current - 8/20µs
I
PP(MAX)
20
Amps
FiGURe 1
PeAk PUlSe POWeR VS PUlSe Time
t
d - Pulse Duration - µs
300W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
eleCTRiCAl ChARACTeRiSTiCS PeR line @ 25°C Unless Otherwise Specified
PART
nUmBeR
DeViCe
mARkinG
RATeD
STAnD-OFF
VOlTAGe
V
Wm
VOlTS
minimUm
BReAkDOWn
VOlTAGe
@ 1mA
V
(BR)
VOlTS
mAXimUm
ClAmPinG
VOlTAGe
(Fig. 2)
@ i
P = 1A
V
C
VOlTS
mAXimUm
leAkAGe
CURRenT
@V
Wm
i
D
µA
TYPiCAl
CAPACiTAnCe
@0V, 1mhz
C
pF
PSOT05CU
5S
5.0
6.0
9.8
10
210



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com