Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30E2 Datasheet (PDF) - Renesas Technology Corp

30E2 Datasheet PDF - Renesas Technology Corp
Part # 30E2
Download  30E2 Download
File Size   158.83 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT High Speed Power Switching

30E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
30E2 Datasheet PDF - Renesas Technology Corp

Part # 30E2
Download  30E2 Click to download

File Size   158.83 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT High Speed Power Switching

30E2 Datasheet (HTML) - Renesas Technology Corp


30E2 Product details

1. Trench gate technology (G5H series)

2. Low collector to emitter saturation voltage  VCE(sat)= 1.7 V typ

3. High speed switching  tf = 150 ns typ

4. Low leak current  ICES= 1 μA max

5. Isolated package TO-220FL






Similar Part No. - 30E2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30E-1C-15.5 LITTELFUSE-30E-1C-15.5 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
30E-1C-15.5 LITTELFUSE-30E-1C-15.5 Datasheet
346Kb / 12P
Medium Voltage Fuses
30E-1C-2.75 LITTELFUSE-30E-1C-2.75 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
30E-1C-2.75 LITTELFUSE-30E-1C-2.75 Datasheet
346Kb / 12P
Medium Voltage Fuses
30E-1C-25.8 LITTELFUSE-30E-1C-25.8 Datasheet
384Kb / 5P
E Rated Medium Voltage Fuses
More results


Similar Description - 30E2

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJH60F4DPK RENESAS-RJH60F4DPK Datasheet
221Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
Silicon N Channel IGBT High Speed Power Switching
RJP30H1DPD RENESAS-RJP30H1DPD Datasheet
157Kb / 7P
Silicon N Channel IGBT High speed power switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com