Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30E2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 30E2
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

30E2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  30E2 Datasheet HTML 1Page - Renesas Technology Corp 30E2 Datasheet HTML 2Page - Renesas Technology Corp 30E2 Datasheet HTML 3Page - Renesas Technology Corp 30E2 Datasheet HTML 4Page - Renesas Technology Corp 30E2 Datasheet HTML 5Page - Renesas Technology Corp 30E2 Datasheet HTML 6Page - Renesas Technology Corp 30E2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJP30E2DPP-M0
Preliminary
R07DS0347EJ0200 Rev.2.00
Page 3 of 6
Apr 12, 2011
Main Characteristics
Typical Output Characteristics (2)
Typical Transfer Characteristics
200
160
120
80
40
2468
10
Typical Output Characteristics (1)
100
80
60
40
20
1234
5
Pulse Test
Ta = 25°C
Pulse Test
Ta = 25°C
5 V
5.5 V
6 V
6.5 V
7 V
7.5 V
8 V
10 V
15 V
12 V
10 V
15 V
Collector Current IC (A)
Maximum Safe Operation Area
1000
100
10
0.1
1
10
100
1
0.1
0.01
1000
0
20
40
60
80
100
0
0
0
0
0
2468
10
0
048
12
20
16
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
Collector to Emitter Saturation Voltage
vs. Collector Current (Typical)
105 A
75 A
0.1
1
10
110
100
75°C
25°C
Tc = –25
°C
IC = 35 A
V
GE = 4.5 V
5.5 V
6 V
6.5 V
7 V
7.5 V
9.5 V
8.5 V
8 V
9 V
V
GE = 5 V
Pulse Test
Ta = 25°C
VGE = 15 V
Pulse Test
VCE = 10 V
Pulse Test
Collector to Emitter Voltage VCE (V)
Collector to Emitter Voltage VCE (V)
Collector to Emitter Voltage VCE (V)
Gate to Emitter Voltage VGE (V)
Gate to Emitter Voltage VGE (V)
75°C
25°C
Tc = –25
°C
Ta = 25°C
1 shot pulse
0
4
2
6
8
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com