Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30E2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 30E2
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

30E2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  30E2 Datasheet HTML 1Page - Renesas Technology Corp 30E2 Datasheet HTML 2Page - Renesas Technology Corp 30E2 Datasheet HTML 3Page - Renesas Technology Corp 30E2 Datasheet HTML 4Page - Renesas Technology Corp 30E2 Datasheet HTML 5Page - Renesas Technology Corp 30E2 Datasheet HTML 6Page - Renesas Technology Corp 30E2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJP30E2DPP-M0
Preliminary
R07DS0347EJ0200 Rev.2.00
Page 2 of 6
Apr 12, 2011
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
—
—
1
μA
VCE = 360 V, VGE = 0
Gate to emitter leak current
IGES
—
—
±100
nA
VGE = ± 30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
2.5
—
5
V
VCE = 10 V, IC = 1 mA
Collector to emitter saturation voltage
VCE(sat)
—
1.7
2.2
V
IC = 35 A, VGE = 15 V
Note3
Input capacitance
Cies
—
1160
—
pF
Output capacitance
Coes
—
60
—
pF
Reveres transfer capacitance
Cres
—
26
—
pF
VCE = 25 V
VGE = 0
f = 1 MHz
Total gate charge
Qg
—
34
—
nC
Gate to emitter charge
Qge
—
6
—
nC
Gate to collector charge
Qgc
—
10
—
nC
VGE = 15 V
VCE = 150 V
IC = 35 A
td(on)
—
0.03
—
μs
tr
—
0.1
—
μs
td(off)
—
0.08
—
μs
Switching time
tf
—
0.15
—
μs
IC = 35 A
RL = 4.5 Ω
VGE = 15 V
RG = 5 Ω
Notes: 3. Pulse test.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com