Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY92 Datasheet (PDF) - Siemens Semiconductor Group

CGY92 Datasheet PDF - Siemens Semiconductor Group
Part # CGY92
Download  CGY92 Download
File Size   159.98 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)

CGY92 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY92 Datasheet PDF - Siemens Semiconductor Group

Part # CGY92
Download  CGY92 Click to download

File Size   159.98 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)

CGY92 Datasheet (HTML) - Siemens Semiconductor Group


CGY92 Product details

GaAs MMIC

* Power amplifier for GSM or AMPS application
* Fully integrated 2 stage amplifier
* Operating voltage range: 2.7 to 6 V
* Overall power added efficiency 45 %
* Input matched to 50 ohms, simple output match




Similar Part No. - CGY92

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
GaAs MMIC
03.00
More results


Similar Description - CGY92

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9147B TRIQUINT-TQ9147B Datasheet
232Kb / 10P
2-Stage AMPS Power Amplifier IC
logo
Siemens Semiconductor G...
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
logo
Tyco Electronics
MAAM26100 MACOM-MAAM26100 Datasheet
193Kb / 2P
Power GaAs MMIC Amplifier 2-6.5GHz
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1_15 Datasheet
553Kb / 3P
GaAs MMIC Power Amplifier
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
GaAs MMIC Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com