Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY94 Datasheet (PDF) - Siemens Semiconductor Group

CGY94 Datasheet PDF - Siemens Semiconductor Group
Part # CGY94
Download  CGY94 Download
File Size   122.21 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)

CGY94 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY94 Datasheet PDF - Siemens Semiconductor Group

Part # CGY94
Download  CGY94 Click to download

File Size   122.21 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)

CGY94 Datasheet (HTML) - Siemens Semiconductor Group


CGY94 Product details

GaAs MMIC

* Power amplifier for GSM or AMPS application
* Fully integrated 2 stage amplifier
* Operating voltage range: 2.7 to 6 V
* 2 W output power at 3.6 V
* Overall power added efficiency 46 %
* Input matched to 50 Ω, simple output match




Similar Part No. - CGY94

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
GaAs MMIC
03.00
More results


Similar Description - CGY94

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9147B TRIQUINT-TQ9147B Datasheet
232Kb / 10P
2-Stage AMPS Power Amplifier IC
logo
Siemens Semiconductor G...
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Agilent(Hewlett-Packard...
MGA-64135 HP-MGA-64135 Datasheet
49Kb / 4P
2 - 6 GHz Cascadable GaAs MMIC Amplifier
logo
Tyco Electronics
MAAM26100-B1 MACOM-MAAM26100-B1 Datasheet
105Kb / 2P
Power GaAs MMIC Amplifier 2-6 GHz
MAAM26100-P1 MACOM-MAAM26100-P1 Datasheet
71Kb / 2P
GaAs MMIC Power Amplifier 2 - 6 GHz
logo
Hittite Microwave Corpo...
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
HMC921LP4E HITTITE-HMC921LP4E Datasheet
2Mb / 34P
GaAs HBT MMIC 2 WATT POWER AMPLIFIER, 0.4 - 2.7 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com