Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY98 Datasheet (PDF) - Siemens Semiconductor Group

CGY98 Datasheet PDF - Siemens Semiconductor Group
Part # CGY98
Download  CGY98 Download
File Size   44.6 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)

CGY98 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY98 Datasheet PDF - Siemens Semiconductor Group

Part # CGY98
Download  CGY98 Click to download

File Size   44.6 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)

CGY98 Datasheet (HTML) - Siemens Semiconductor Group


CGY98 Product details

GaAs MMIC

● Broadband Power Amplifier [ 800..2000 Mhz ]
● GSM,AMPS or PCN
● Operating voltage range: 2.7 to 5.0 V
● Pout = 35.0dBm at Vd=3.5V
● Overall power added efficiency 55 %
● Easy external matching




Similar Part No. - CGY98

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
GaAs MMIC
03.00
More results


Similar Description - CGY98

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY196 SIEMENS-CGY196 Datasheet
192Kb / 15P
GaAs MMIC (Broadband Power Amplifier [ 800..3500 Mhz ] DECT,PHS,PCS,GSM,AMPS,WLAN,WLL Single Voltage Supply)
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY94 SIEMENS-CGY94 Datasheet
122Kb / 9P
GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC173MS8 HITTITE-HMC173MS8 Datasheet
169Kb / 6P
GaAs MMIC VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
logo
Tyco Electronics
MAAM-007865-0P1R00 MACOM-MAAM-007865-0P1R00 Datasheet
345Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
M/A-COM Technology Solu...
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com