Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR10PM-12LB Datasheet (PDF) - Renesas Technology Corp

BCR10PM-12LB Datasheet PDF - Renesas Technology Corp
Part # BCR10PM-12LB
Download  BCR10PM-12LB Download
File Size   111.17 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use (The product guaranteed maximum junction temperature of 150瑗낧)

BCR10PM-12LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR10PM-12LB Datasheet PDF - Renesas Technology Corp

Part # BCR10PM-12LB
Download  BCR10PM-12LB Click to download

File Size   111.17 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use (The product guaranteed maximum junction temperature of 150瑗낧)

BCR10PM-12LB Datasheet (HTML) - Renesas Technology Corp


BCR10PM-12LB Product details

Features

  IT (RMS) : 10 A

  VDRM : 600 V

  IFGTI, IRGTI, IRGT III : 30 mA (20 mA) Note5

  Viso : 2000 V

  Insulated Type

  Planar Passivation Type

  UL Recognized : Yellow Card No. E223904



Applications

Switching mode power supply, light dimmer, electronic flasher unit, hair drier, control of household equipment such as TV sets, stereo systems, refrigerator, washing machine, infrared kotatsu, carpet, small motor control, solid state relay, copying machine, electric tool, electric heater, solenoid driver, and other general controlling devices



 




Similar Part No. - BCR10PM-12LB

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR10PM-12L POWEREX-BCR10PM-12L Datasheet
82Kb / 6P
Isolated Triac 10 Amperes/400-600 Volts
logo
Renesas Technology Corp
BCR10PM-12LA RENESAS-BCR10PM-12LA Datasheet
103Kb / 8P
Triac
BCR10PM-12LA-A8 RENESAS-BCR10PM-12LA-A8 Datasheet
103Kb / 8P
Triac
BCR10PM-12LD RENESAS-BCR10PM-12LD Datasheet
127Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD-A8 RENESAS-BCR10PM-12LD-A8 Datasheet
127Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results


Similar Description - BCR10PM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5PM-12L RENESAS-BCR5PM-12L Datasheet
138Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-16LH RENESAS-BCR12CM-16LH Datasheet
99Kb / 8P
Triac Medium Power Use The Product guaranteed maximum junction temperature 150?캜
BCR12PM-12LB RENESAS-BCR12PM-12LB Datasheet
111Kb / 8P
Triac Medium Power Use(The product guaranteed maximum junction temperature of 150瑗낧)
BCR16PM-12LB RENESAS-BCR16PM-12LB Datasheet
108Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150瑗낧)
BCR12PM-12LB RENESAS-BCR12PM-12LB_15 Datasheet
111Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR16PM-12LB RENESAS-BCR16PM-12LB_15 Datasheet
108Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR5AS-12B RENESAS-BCR5AS-12B_15 Datasheet
154Kb / 10P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR30AM-12LB RENESAS-BCR30AM-12LB_15 Datasheet
134Kb / 10P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com