Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR16PM-12LB Datasheet (PDF) - Renesas Technology Corp

BCR16PM-12LB Datasheet PDF - Renesas Technology Corp
Part # BCR16PM-12LB
Download  BCR16PM-12LB Download
File Size   108.56 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use (The product guaranteed maximum junction temperature of 150瑗낧)

BCR16PM-12LB Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR16PM-12LB Datasheet PDF - Renesas Technology Corp

Part # BCR16PM-12LB
Download  BCR16PM-12LB Click to download

File Size   108.56 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triac Medium Power Use (The product guaranteed maximum junction temperature of 150瑗낧)

BCR16PM-12LB Datasheet (HTML) - Renesas Technology Corp


BCR16PM-12LB Product details

Medium Power Use (The product guaranteed maximum junction temperature of 150C)



Features

• IT (RMS): 16 A

• VDRM: 600 V

• IFGTI, IRGTI, I

• RGT III: 30 mA (20 mA)

• Viso : 2000 V

• Insulated Type



Applications

  Contactless AC switch, light dimmer, electronic flasher unit, hair drier, control of household equipment such as TV sets, refrigerator, washing machine, electric fan, and other general controlling devices

Planar Passivation Type




Similar Part No. - BCR16PM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16PM-12LB RENESAS-BCR16PM-12LB_15 Datasheet
108Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
More results


Similar Description - BCR16PM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5PM-12L RENESAS-BCR5PM-12L Datasheet
138Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR20AM-12LB RENESAS-BCR20AM-12LB Datasheet
118Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CM-16LH RENESAS-BCR12CM-16LH Datasheet
99Kb / 8P
Triac Medium Power Use The Product guaranteed maximum junction temperature 150?캜
BCR10PM-12LB RENESAS-BCR10PM-12LB Datasheet
111Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150瑗낧)
BCR12PM-12LB RENESAS-BCR12PM-12LB Datasheet
111Kb / 8P
Triac Medium Power Use(The product guaranteed maximum junction temperature of 150瑗낧)
BCR12PM-12LB RENESAS-BCR12PM-12LB_15 Datasheet
111Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR16PM-12LB RENESAS-BCR16PM-12LB_15 Datasheet
108Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR5AS-12B RENESAS-BCR5AS-12B_15 Datasheet
154Kb / 10P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
BCR30AM-12LB RENESAS-BCR30AM-12LB_15 Datasheet
134Kb / 10P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150?캜)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com