Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM6264C Datasheet (PDF) - Motorola, Inc

MCM6264C Datasheet PDF - Motorola, Inc
Part # MCM6264C
Download  MCM6264C Download
File Size   177.25 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8K x 8 Bit Fast Static RAM

MCM6264C Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM6264C Datasheet PDF - Motorola, Inc

Part # MCM6264C
Download  MCM6264C Click to download

File Size   177.25 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8K x 8 Bit Fast Static RAM

MCM6264C Datasheet (HTML) - Motorola, Inc


MCM6264C Product details

The MCM6264C is fabricated using Motorola’s high–performance silicon–gate CMOS technology. Static design eliminates the need for external clocks or timing strobes, while CMOS circuitry reduces power consumption and provides for greater reliability.
This device meets JEDEC standards for functionality and pinout, and is available in plastic dual–in–line and plastic small–outline J–leaded packages.
   
• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• Fast Access Times: 12, 15, 20, 25, and 35 ns
• Equal Address and Chip Enable Access Times
• Output Enable (G) Feature for Increased System Flexibility and to Eliminate Bus Contention Problems
• Low Power Operation: 110 – 150 mA Maximum AC
• Fully TTL Compatible — Three State Output
   




Similar Part No. - MCM6264C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6265C MOTOROLA-MCM6265C Datasheet
177Kb / 8P
8K x 9 Bit Fast Static RAM
MCM6265CJ12 MOTOROLA-MCM6265CJ12 Datasheet
177Kb / 8P
8K x 9 Bit Fast Static RAM
MCM6265CJ12R2 MOTOROLA-MCM6265CJ12R2 Datasheet
177Kb / 8P
8K x 9 Bit Fast Static RAM
MCM6265CJ15 MOTOROLA-MCM6265CJ15 Datasheet
177Kb / 8P
8K x 9 Bit Fast Static RAM
MCM6265CJ15R2 MOTOROLA-MCM6265CJ15R2 Datasheet
177Kb / 8P
8K x 9 Bit Fast Static RAM
More results


Similar Description - MCM6264C

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
8K X 8 STATIC RAM
logo
Motorola, Inc
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
8K x 24 Bit Fast Static RAM
MCM6265C MOTOROLA-MCM6265C Datasheet
177Kb / 8P
8K x 9 Bit Fast Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
8K x 8 Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com