Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N80 Datasheet (PDF) - Unisonic Technologies

1N80 Datasheet PDF - Unisonic Technologies
Part # 1N80
Download  1N80 Download
File Size   182.22 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1A, 800V N-CHANNEL POWER MOSFET

1N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N80 Datasheet PDF - Unisonic Technologies

Part # 1N80
Download  1N80 Click to download

File Size   182.22 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1A, 800V N-CHANNEL POWER MOSFET

1N80 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 1N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N80 UTC-1N80 Datasheet
163Kb / 6P
1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
1N8018 SSDI-1N8018 Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
1N8018SMSS SSDI-1N8018SMSS Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
1N8018SMSTX SSDI-1N8018SMSTX Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
1N8018SMSTXV SSDI-1N8018SMSTXV Datasheet
187Kb / 2P
HYPER FAST SOFT RECOVERY RECTIFIER
More results


Similar Description - 1N80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
Sep-1998
STD1NB80-1 STMICROELECTRONICS-STD1NB80-1 Datasheet
56Kb / 5P
N - CHANNEL 800V - 16W - 1A - IPAK PowerMESH MOSFET
September 1998
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
logo
Rohm
R8002CND ROHM-R8002CND Datasheet
2Mb / 14P
Nch 800V 1A Power MOSFET
R8001CND ROHM-R8001CND Datasheet
2Mb / 14P
Nch 800V 1A Power MOSFET
logo
E-CMOS Corporation
EC731N80D E-CMOS-EC731N80D Datasheet
243Kb / 5P
800V, 1A N-Channel MOSFET
logo
Rohm
R8001CND3FRA ROHM-R8001CND3FRA Datasheet
2Mb / 14P
Nch 800V 1A Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com