Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N80 Datasheet (PDF) - Unisonic Technologies

2N80 Datasheet PDF - Unisonic Technologies
Part # 2N80
Download  2N80 Download
File Size   235.68 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A, 800V N-CHANNEL POWER MOSFET

2N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N80 Datasheet PDF - Unisonic Technologies

Part # 2N80
Download  2N80 Click to download

File Size   235.68 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A, 800V N-CHANNEL POWER MOSFET

2N80 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 2N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N80 UTC-2N80 Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2N80 ISC-2N80 Datasheet
68Kb / 2P
Drain Current ID= 2.4A@ TC=25C
logo
Unisonic Technologies
2N80-C UTC-2N80-C Datasheet
663Kb / 9P
2.0A, 800V NHANNEL POWER MOSFET
logo
American Microsemicondu...
2N808 AMMSEMI-2N808 Datasheet
1Mb / 2P
GERMABIUM PNP MESA TRANSISTORS
logo
Unisonic Technologies
2N80G-TF3-T UTC-2N80G-TF3-T Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
More results


Similar Description - 2N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
800V N-Channel Power MOSFET
logo
Unisonic Technologies
2N80Z UTC-2N80Z Datasheet
235Kb / 6P
2A, 800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
logo
Rohm
R8002ANJ ROHM-R8002ANJ Datasheet
986Kb / 14P
Nch 800V 2A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Rohm
R8002ANJFRG ROHM-R8002ANJFRG Datasheet
1Mb / 14P
Nch 800V 2A Power MOSFET
R8002CND3FRA ROHM-R8002CND3FRA Datasheet
1Mb / 14P
Nch 800V 2A Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com