Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N50 Datasheet (PDF) - Unisonic Technologies

7N50 Datasheet PDF - Unisonic Technologies
Part # 7N50
Download  7N50 Download
File Size   180.11 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 500V N-CHANNEL POWER MOSFET

7N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N50 Datasheet PDF - Unisonic Technologies

Part # 7N50
Download  7N50 Click to download

File Size   180.11 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 500V N-CHANNEL POWER MOSFET

7N50 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 7N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N50 UTC-7N50 Datasheet
171Kb / 6P
7 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N50 ISC-7N50 Datasheet
49Kb / 2P
Fast Switching Speed
logo
Unisonic Technologies
7N50G-TA3-T UTC-7N50G-TA3-T Datasheet
171Kb / 6P
7 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50G-TF1-T UTC-7N50G-TF1-T Datasheet
171Kb / 6P
7 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50L-TA3-T UTC-7N50L-TA3-T Datasheet
171Kb / 6P
7 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Similar Description - 7N50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
500V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP8N50NZF FAIRCHILD-FDP8N50NZF Datasheet
479Kb / 9P
N-Channel MOSFET 500V, 7A, 1廓
logo
Taiwan Semiconductor Co...
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
500V N-Channel Power MOSFET
logo
Unisonic Technologies
7N10Z UTC-7N10Z Datasheet
219Kb / 5P
7A, 100V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
500V N-Channel Power MOSFET
logo
Rohm
R5007FNX ROHM-R5007FNX Datasheet
3Mb / 14P
Nch 500V 7A Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com