Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8N50 Datasheet (PDF) - Unisonic Technologies

8N50 Datasheet PDF - Unisonic Technologies
Part # 8N50
Download  8N50 Download
File Size   182.47 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8A, 500V N-CHANNEL POWER MOSFET

8N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
8N50 Datasheet PDF - Unisonic Technologies

Part # 8N50
Download  8N50 Click to download

File Size   182.47 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8A, 500V N-CHANNEL POWER MOSFET

8N50 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 8N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N50 UTC-8N50 Datasheet
171Kb / 6P
8 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
8N50 ISC-8N50 Datasheet
67Kb / 2P
Fast Switching Speed
logo
VBsemi Electronics Co.,...
8N50 VBSEMI-8N50 Datasheet
1Mb / 9P
N-Channel 500V (D-S) Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
8N50A YFWDIODE-8N50A Datasheet
1Mb / 7P
8A 500V N-channel enhanced field effect transistor
logo
Unisonic Technologies
8N50G-TA3-T UTC-8N50G-TA3-T Datasheet
171Kb / 6P
8 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Similar Description - 8N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF840 UTC-UF840 Datasheet
172Kb / 8P
8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
500V, 8A N-Channel MOSFET
logo
Tak Cheong Electronics ...
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Unisonic Technologies
8N50H UTC-8N50H Datasheet
204Kb / 5P
8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
500V, 8A N-Channel MOSFET
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
8A 500V N-CHANNEL MOSFET
logo
Jiangsu Donghai Semicon...
840 WXDH-840 Datasheet
1Mb / 12P
8A 500V N-channel Enhancement Mode Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com