Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N80 Datasheet (PDF) - Unisonic Technologies

12N80 Datasheet PDF - Unisonic Technologies
Part # 12N80
Download  12N80 Download
File Size   202.23 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12A, 800V N-CHANNEL POWER MOSFET

12N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
12N80 Datasheet PDF - Unisonic Technologies

Part # 12N80
Download  12N80 Click to download

File Size   202.23 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12A, 800V N-CHANNEL POWER MOSFET

12N80 Datasheet (HTML) - Unisonic Technologies


12N80 Product details

DESCRIPTION
The UTC 12N80 is an N-channel enhancement mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology is specialized in allowing a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode.
The UTC 12N80 is universally applied in high efficiency switch mode power supply.

FEATURES
* RDS(on) ≤ 1.0Ω @ VGS=10V, ID=6.0A
* High switching speed
* Improved dv/dt capability
* 100% avalanche tested




Similar Part No. - 12N80

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
12N80 SHUNYE-12N80 Datasheet
2Mb / 7P
800V N-Channel Planar MOSFET
logo
Unisonic Technologies
12N80G-T3P-T UTC-12N80G-T3P-T Datasheet
240Kb / 6P
N-CHANNEL POWER MOSFET
12N80G-T47-T UTC-12N80G-T47-T Datasheet
240Kb / 6P
N-CHANNEL POWER MOSFET
12N80G-TA3-T UTC-12N80G-TA3-T Datasheet
220Kb / 6P
12A, 800V N-CHANNEL POWER MOSFET
12N80G-TC3-T UTC-12N80G-TC3-T Datasheet
240Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 12N80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW13NK80Z STMICROELECTRONICS-STW13NK80Z Datasheet
310Kb / 9P
N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
Jul-2003
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
12N70 UTC-12N70_11 Datasheet
220Kb / 6P
12A, 800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
800V N-Channel Power MOSFET
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com