Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22N60 Datasheet (PDF) - Unisonic Technologies

22N60 Datasheet PDF - Unisonic Technologies
Part # 22N60
Download  22N60 Download
File Size   211.84 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 22A, 600V N-CHANNEL POWER MOSFET

22N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
22N60 Datasheet PDF - Unisonic Technologies

Part # 22N60
Download  22N60 Click to download

File Size   211.84 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 22A, 600V N-CHANNEL POWER MOSFET

22N60 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 22N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
22N60 UTC-22N60 Datasheet
241Kb / 6P
HEXFET POWER MOSFET
22N60G-T47-T UTC-22N60G-T47-T Datasheet
241Kb / 6P
HEXFET POWER MOSFET
22N60L-T47-T UTC-22N60L-T47-T Datasheet
241Kb / 6P
HEXFET POWER MOSFET
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Similar Description - 22N60

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF530N INTERSIL-IRF530N Datasheet
125Kb / 10P
22A, 100V, 0.064 Ohm, N-Channel Power MOSFET
March 2000
logo
Fairchild Semiconductor
FCA22N60N FAIRCHILD-FCA22N60N Datasheet
532Kb / 8P
N-Channel MOSFET 600V, 22A, 0.165W
FCP22N60N FAIRCHILD-FCP22N60N Datasheet
763Kb / 10P
N-Channel MOSFET 600V, 22A, 0.165W
logo
Unisonic Technologies
22N20 UTC-22N20 Datasheet
189Kb / 6P
22A, 200V N-CHANNEL POWER MOSFET
22N65 UTC-22N65_11 Datasheet
191Kb / 5P
22A, 650V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
500V,22A N-Channel MOSFET
AOT22N50 AOSMD-AOT22N50 Datasheet
539Kb / 6P
500V,22A N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNM3038 WILLSEMI-WNM3038 Datasheet
2Mb / 8P
Single N-Channel, 30V, 22A, Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com