Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB4595 Datasheet (PDF) - Siemens Semiconductor Group

PSB4595 Datasheet PDF - Siemens Semiconductor Group
Part # PSB4595
Download  PSB4595 Download
File Size   871.06 Kbytes
Page   104 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Analog Line Interface Solution ALIS

PSB4595 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB4595 Datasheet PDF - Siemens Semiconductor Group

Part # PSB4595
Download  PSB4595 Click to download

File Size   871.06 Kbytes
Page   104 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Analog Line Interface Solution ALIS

PSB4595 Datasheet (HTML) - Siemens Semiconductor Group


PSB4595 Product details

Overview
The PSB 4595 and PSB 4596 two-chip solution forms the complete front end of a modem or fax machine. This Analog Line Interface Solution (ALIS) consists of a DAA, a codec and a hybrid circuit, and bridges the gap between the phone line and the data pump. The analog PSB 4595 is manufactured in low-power BiCMOS technology and the digital PSB 4596 in CMOS technology.

Features
• ALIS substitutes data access arrangement (DAA), codec and hybrid
• Ring detection: level, frequency and cadence
• Caller ID: detection, decoding and storage
• Programmable to different country requirements
• Programmable DC characteristics
• ALIS supports V.34+ and V.90
• ALIS complies with ETS 300 001 and FCC requirements
• Isolation by digital capacitor interface
• Analog part powered from the tip/ring line by an integrated voltage regulator
• High performance analog-to-digital and digital-toanalog conversion
• DSP-based solution for adapting the transmission behavior, especially for
   - AC impedance matching
   - trans-hybrid balancing
   - frequency response - gain
• Advanced test capabilities:
   - digital loops
   - analog loops
• High-pass filter in receive path to suppress line interference (50/60 Hz)
• Isolated control pins for general purpose use
• Advanced low-power 0.8µm analog BICMOS technology for ALIS analog and 0.8µm CMOS technology for ALIS digital
• Two-chip solution: the P-TSSOP24 and P-SSOP28 packages are PCMCIA-compliant




Similar Part No. - PSB4595

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB4500 SIEMENS-PSB4500 Datasheet
1Mb / 34P
Standard Speech Circuit
PSB4500-P SIEMENS-PSB4500-P Datasheet
1Mb / 34P
Standard Speech Circuit
PSB4500-T SIEMENS-PSB4500-T Datasheet
1Mb / 34P
Standard Speech Circuit
PSB4501 SIEMENS-PSB4501 Datasheet
1Mb / 34P
Standard Speech Circuit
PSB4501-P SIEMENS-PSB4501-P Datasheet
1Mb / 34P
Standard Speech Circuit
More results


Similar Description - PSB4595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
ANALOG INTERFACE CIRCUIT
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
SAD4096 ETC-SAD4096 Datasheet
180Kb / 7P
ANALOG DELAY LINE
ZR36504 ETC1-ZR36504 Datasheet
298Kb / 74P
Video & Audio Interface solution via USB
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Texas Instruments
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
ANALOG INTERFACE CIRCUITS
logo
Zilog, Inc.
Z86017 ZILOG-Z86017 Datasheet
1Mb / 138P
PCMCIA Interface Solution
logo
Purdy Electronics Corpo...
ANDPSI056ET0S-HB-KIT PURDY-ANDPSI056ET0S-HB-KIT Datasheet
197Kb / 3P
Analog RGB Interface
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com