Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7811 Datasheet (PDF) - Analog Devices

IRF7811 Datasheet PDF - Analog Devices
Part # IRF7811
Download  IRF7811 Download
File Size   2513.45 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Synchronous Buck Controller

IRF7811 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7811 Datasheet PDF - Analog Devices

Part # IRF7811
Download  IRF7811 Click to download

File Size   2513.45 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Synchronous Buck Controller

IRF7811 Datasheet (HTML) - Analog Devices


IRF7811 Product details

GENERAL DESCRIPTION
The ADP1878/ADP1879 are versatile current-mode, synchronous step-down controllers. They provide superior transient response, optimal stability, and current-limit protection by using a constant on time, pseudo fixed frequency with a programmable current-limit, current control scheme. These devices offer optimum performance at low duty cycles by using a valley, current-mode control architecture allowing the ADP1878/ADP1879 to drive all N-channel power stages to regulate output voltages to as low as 0.6 V.

FEATURES
   Power input voltage range: 2.95 V to 20 V
   On-board bias regulator
   Minimum output voltage: 0.6 V
   0.6 V reference voltage with ±1.0% accuracy
   Supports all N-channel MOSFET power stages
   Available in 300 kHz, 600 kHz, and 1.0 MHz options
   No current sense resistor required
   Power saving mode (PSM) for light loads (ADP1879 only)
   Resistor programmable current limit
   Power good with internal pull-up resistor
   Externally programmable soft start
   Thermal overload protection
   Short-circuit protection
   Standalone precision enable input
   Integrated bootstrap diode for high-side drive
   Starts into a precharged output
   Available in a 14-lead LFCSP_WD package

APPLICATIONS
   Telecommunications and networking systems
   Mid-to-high end servers
   Set-top boxes
   DSP core power supplies




Similar Part No. - IRF7811

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7811 IRF-IRF7811 Datasheet
132Kb / 4P
N-Channel Application-Specific MOSFETs
IRF7811A IRF-IRF7811A Datasheet
128Kb / 4P
Chipset for DC-DC Converters
IRF7811A IRF-IRF7811A Datasheet
133Kb / 4P
PROVISIONAL DATASHEET
IRF7811APBF IRF-IRF7811APBF Datasheet
195Kb / 10P
HEXFET Power MOSFET
IRF7811ATR IRF-IRF7811ATR Datasheet
133Kb / 4P
PROVISIONAL DATASHEET
More results


Similar Description - IRF7811

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
Synchronous Buck Controller
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
Synchronous Buck Controller
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
Synchronous Buck Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
Synchronous Buck Controller
logo
ON Semiconductor
NCP81148 ONSEMI-NCP81148 Datasheet
189Kb / 11P
Synchronous Buck Controller
January, 2014 ??Rev. P0
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
Synchronous Buck Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com