Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181D Datasheet (PDF) - Analog Devices

ADV7181D Datasheet PDF - Analog Devices
Part # ADV7181D
Download  ADV7181D Download
File Size   380.72 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 10-Channel, Multiformat SDTV/HDTV

ADV7181D Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7181D Datasheet PDF - Analog Devices

Part # ADV7181D
Download  ADV7181D Click to download

File Size   380.72 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 10-Channel, Multiformat SDTV/HDTV

ADV7181D Datasheet (HTML) - Analog Devices


ADV7181D Product details

GENERAL DESCRIPTION

The ADV7181D is a high quality, single-chip, multiformat video decoder and graphics digitizer. This multiformat decoder supports the conversion of PAL, NTSC, and SECAM standards in the form of composite or S-Video into a digital ITU-R BT.656 format.

The ADV7181D also supports the decoding of a component RGB/YPrPb video signal into a digital YCrCb or RGB pixel output stream. Support for component video includes standards such as 525i, 625i, 525p, 625p, 720p, 1080i, and many other HD and SMPTE standards.



FEATURES

Four 10-bit ADCs sampling up to 75 MHz

10 analog input channels

SCART fast blank support

Internal antialiasing filters

NTSC, PAL, and SECAM color standards supported

525p/625p component progressive scan supported

720p/1080i component HDTV supported

Digitizes RGB graphics up to 1024 × 768 at 70 Hz (XGA)

3 × 3 color space conversion matrix

Industrial temperature range: −40°C to +85°C

12-bit 4:4:4 DDR, 8-/10-/16-/20-bit SDR pixel output interface

Programmable interrupt request output pin

Small package

Low pin count

Single front end for video and graphics

VBI data slicer (including teletext)

Qualified for automotive applications



APPLICATIONS

Automotive entertainment

HDTVs

LCD/DLP® projectors

HDTV STBs with PVR

DVD recorders with progressive scan input support

AVR receivers




Similar Part No. - ADV7181D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
Multiformat SDTV Video Decoder
7/04-Revision 0
ADV7181B AD-ADV7181B Datasheet
884Kb / 96P
Multiformat SDTV Video Decoder
7/04-Revision 0
ADV7181BBCPZ AD-ADV7181BBCPZ Datasheet
884Kb / 96P
Multiformat SDTV Video Decoder
7/04-Revision 0
ADV7181BBSTZ AD-ADV7181BBSTZ Datasheet
884Kb / 96P
Multiformat SDTV Video Decoder
7/04-Revision 0
ADV7181BCP AD-ADV7181BCP Datasheet
884Kb / 96P
Multiformat SDTV Video Decoder
7/04-Revision 0
More results


Similar Description - ADV7181D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
Multiformat 11-Bit HDTV Video Encoder
REV.0
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
Multiformat 11-Bit HDTV Video Encoder
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
9/05-Rev. Sp 0 to Rev. SpA
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com