Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181 Datasheet (PDF) - Analog Devices

ADV7181 Datasheet PDF - Analog Devices
Part # ADV7181
Download  ADV7181 Download
File Size   884.97 Kbytes
Page   96 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat SDTV Video Decoder

ADV7181 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7181 Datasheet PDF - Analog Devices

Part # ADV7181
Download  ADV7181 Click to download

File Size   884.97 Kbytes
Page   96 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat SDTV Video Decoder

ADV7181 Datasheet (HTML) - Analog Devices


ADV7181 Product details

GENERAL DESCRIPTION

The ADV7181 integrated video decoder automatically detects and converts a standard analog baseband television signal compatible with worldwide standards NTSC, PAL, and SECAM into 4:2:2 component video data compatible with 16-/8-bit CCIR601/CCIR656.



FEATURES

Multiformat video decoder supports NTSC-(M, N, 4.43), PAL-(B/D/G/H/I/M/N), SECAM

Integrates three 54 MHz, 9-bit ADCs

Clocked from a single 27 MHz crystal

Line-locked clock compatible (LLC)

Adaptive Digital Line Length Tracking (ADLLT™)

5-line adaptive comb filters

Proprietary architecture for locking to weak, noisy, and unstable video sources such as VCRs and tuners

Subcarrier frequency lock and status information output

Integrated AGC with adaptive peak white mode

Macrovision® copy protection detection

CTI (chroma transient improvement)

DNR (digital noise reduction)

Multiple programmable analog input formats:

    CVBS (composite video)

    S-Video (Y/C)

    YPrPb component (VESA, MII, SMPTE, and BetaCam)

6 analog video input channels

Automatic NTSC/PAL/SECAM identification

Digital output formats (8-bit or16-bit): ITU-R BT.656 YCrCb 4:2:2 output + HS, VS, and FIELD

0.5 V to 1.6 V analog signal input range

Differential gain: 0.6% typ




Similar Part No. - ADV7181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
Multiformat SDTV Video Decoder
Rev. B
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7181C AD-ADV7181C Datasheet
359Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. E
ADV7181CBCPZ AD-ADV7181CBCPZ Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7181CBCPZ-REEL AD-ADV7181CBCPZ-REEL Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
More results


Similar Description - ADV7181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
Multiformat SDTV Video Decoder
6/04-Changed from Rev. 0 to Rev. A.
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7189BKSTZ AD-ADV7189BKSTZ Datasheet
783Kb / 104P
Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
Multiformat SDTV Video Decoder
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com