Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC911LC4B Datasheet (PDF) - Hittite Microwave Corporation

HMC911LC4B Datasheet PDF - Hittite Microwave Corporation
Part # HMC911LC4B
Download  HMC911LC4B Download
File Size   1275.48 Kbytes
Page   11 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BROADBAND ANALOG

HMC911LC4B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC911LC4B Datasheet PDF - Hittite Microwave Corporation

Part # HMC911LC4B
Download  HMC911LC4B Click to download

File Size   1275.48 Kbytes
Page   11 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description BROADBAND ANALOG

HMC911LC4B Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC911LC4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC911LC4B AD-HMC911LC4B Datasheet
1Mb / 13P
Broadband Analog Time Delay to 24 GHz
10/2016-Rev. v02.0614 to Rev. B
HMC911LC4BTR AD-HMC911LC4BTR Datasheet
1Mb / 13P
Broadband Analog Time Delay to 24 GHz
10/2016-Rev. v02.0614 to Rev. B
HMC911LC4BTR-R5 AD-HMC911LC4BTR-R5 Datasheet
1Mb / 13P
Broadband Analog Time Delay to 24 GHz
10/2016-Rev. v02.0614 to Rev. B
More results


Similar Description - HMC911LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC910LC4B HITTITE-HMC910LC4B Datasheet
737Kb / 10P
BROADBAND ANALOG TIME DELAY, DC - 24 GHz
logo
M/A-COM Technology Solu...
MACPCT0039 MA-COM-MACPCT0039_15 Datasheet
69Kb / 3P
Broadband CATV
logo
Teledyne Technologies I...
DACP18001 TELEDYNE-DACP18001 Datasheet
251Kb / 2P
0.1 TO 18.0 GHz ULTRA BROADBAND ANALOG DETECTOR
DAQ10501 TELEDYNE-DAQ10501 Datasheet
236Kb / 2P
0.05 TO 10.0 GHz BROADBAND DAQ10501 ANALOG DETECTOR
logo
Integrated Device Techn...
F2480 IDT-F2480 Datasheet
3Mb / 34P
Broadband RF Analog VGA 400 to 3000 MHz
logo
Analog Devices
HMC910LC4B AD-HMC910LC4B Datasheet
1Mb / 10P
BROADBAND ANALOG TIME DELAY
HMC911 AD-HMC911 Datasheet
1Mb / 13P
Broadband Analog Time Delay to 24 GHz
10/2016-Rev. v02.0614 to Rev. B
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
Broadband RF Analog VGA 400 to 3000 MHz
logo
Marki Microwave
DPX-1721 MARKIMICROWAVE-DPX-1721 Datasheet
449Kb / 3P
BROADBAND DIPLEXER
DPX-9516 MARKIMICROWAVE-DPX-9516 Datasheet
381Kb / 4P
BROADBAND DIPLEXER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com