Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2480 Datasheet (PDF) - Renesas Technology Corp

F2480 Datasheet PDF - Renesas Technology Corp
Part # F2480
Download  F2480 Download
File Size   4234.11 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Broadband RF Analog VGA 400 to 3000 MHz

F2480 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2480 Datasheet PDF - Renesas Technology Corp

Part # F2480
Download  F2480 Click to download

File Size   4234.11 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Broadband RF Analog VGA 400 to 3000 MHz

F2480 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F2480

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2480 IDT-F2480 Datasheet
3Mb / 34P
Broadband RF Analog VGA 400 to 3000 MHz
F2480EVBI IDT-F2480EVBI Datasheet
3Mb / 34P
Broadband RF Analog VGA 400 to 3000 MHz
F2480NBGI IDT-F2480NBGI Datasheet
3Mb / 34P
Broadband RF Analog VGA 400 to 3000 MHz
F2480NBGI8 IDT-F2480NBGI8 Datasheet
3Mb / 34P
Broadband RF Analog VGA 400 to 3000 MHz
More results


Similar Description - F2480

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
Low Noise Amplifier 50??400 to 3000 MHz
logo
Micronetics, Inc.
NMA2515-2T MICRONETICS-NMA2515-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 30 MHz to 3000 MHz
NMA2515-1T MICRONETICS-NMA2515-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 30 MHz to 3000 MHz
logo
Advanced Semiconductor ...
ASX403 ASB-ASX403 Datasheet
312Kb / 5P
400-3000 MHz MMIC Amplifier
August 2010
ASX602 ASB-ASX602 Datasheet
1Mb / 14P
400-3000 MHz MMIC Amplifier
December 2010
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Integrated Device Techn...
IDTF0480NBGI IDT-IDTF0480NBGI Datasheet
1Mb / 27P
Matched Broadband RF VGA
F2480 IDT-F2480 Datasheet
3Mb / 34P
Broadband RF Analog VGA 400 to 3000 MHz
logo
Advanced Semiconductor ...
ASX403 ASB-ASX403_17 Datasheet
833Kb / 7P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com