Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2480 Datasheet (PDF) - Integrated Device Technology

F2480 Datasheet PDF - Integrated Device Technology
Part # F2480
Download  F2480 Download
File Size   4063.22 Kbytes
Page   34 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Broadband RF Analog VGA 400 to 3000 MHz

F2480 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2480 Datasheet PDF - Integrated Device Technology

Part # F2480
Download  F2480 Click to download

File Size   4063.22 Kbytes
Page   34 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Broadband RF Analog VGA 400 to 3000 MHz

F2480 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - F2480

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
Broadband RF Analog VGA 400 to 3000 MHz
F2480EVBI RENESAS-F2480EVBI Datasheet
4Mb / 35P
Broadband RF Analog VGA 400 to 3000 MHz
F2480NBGI RENESAS-F2480NBGI Datasheet
4Mb / 35P
Broadband RF Analog VGA 400 to 3000 MHz
F2480NBGI8 RENESAS-F2480NBGI8 Datasheet
4Mb / 35P
Broadband RF Analog VGA 400 to 3000 MHz
More results


Similar Description - F2480

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
Low Noise Amplifier 50??400 to 3000 MHz
logo
Micronetics, Inc.
NMA2515-2T MICRONETICS-NMA2515-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 30 MHz to 3000 MHz
NMA2515-1T MICRONETICS-NMA2515-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 30 MHz to 3000 MHz
logo
Advanced Semiconductor ...
ASX403 ASB-ASX403 Datasheet
312Kb / 5P
400-3000 MHz MMIC Amplifier
August 2010
ASX602 ASB-ASX602 Datasheet
1Mb / 14P
400-3000 MHz MMIC Amplifier
December 2010
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Integrated Device Techn...
IDTF0480NBGI IDT-IDTF0480NBGI Datasheet
1Mb / 27P
Matched Broadband RF VGA
logo
Advanced Semiconductor ...
ASX403 ASB-ASX403_17 Datasheet
833Kb / 7P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
Broadband RF Analog VGA 400 to 3000 MHz
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com