Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1624S+ Datasheet (PDF) - Maxim Integrated Products

DS1624S+ Datasheet PDF - Maxim Integrated Products
Part # DS1624S+
Download  DS1624S+ Download
File Size   678.75 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Memory

DS1624S+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1624S+ Datasheet PDF - Maxim Integrated Products

Part # DS1624S+
Download  DS1624S+ Click to download

File Size   678.75 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Memory

DS1624S+ Datasheet (HTML) - Maxim Integrated Products


DS1624S+ Product details

DESCRIPTION
The DS1624 consists of a digital thermometer and 256 bytes of E2 memory. The thermometer provides 13-bit temperature readings which indicate the temperature of the device. The E2 memory allows a user to store frequency compensation coefficients for digital correction of crystal frequency due to temperature. Any other type of information may also reside in this user space.

FEATURES
■ Temperature measurements require no external components
■ Measures temperatures from -55°C to +125°C
   in 0.03125°C increments. Fahrenheit equivalent
   is -67°F to +257°F in 0.05625°F increments
■ Temperature is read as a 13-bit value (two byte transfer)
■ Converts temperature to digital word in 1 second (max)
■ 256 bytes of E2 memory on board for storing information such as
   frequency compensation coefficients
■ Data is read from/written via a 2-wire serial interface (open drain I/O lines)
■ Applications include temperature compensated crystal
   oscillators for test equipment and radio systems
■ 8-pin DIP or SOIC packages




Similar Part No. - DS1624S+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1624S+ MAXIM-DS1624S+ Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
DS1624S+T&R MAXIM-DS1624S+T&R Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
More results


Similar Description - DS1624S+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
DS1624 DALLAS-DS1624 Datasheet
594Kb / 16P
Digital Thermometer and Memory
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 3/08
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75 MAXIM-DS75 Datasheet
630Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 2/08
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS1621 MAXIM-DS1621_V01 Datasheet
525Kb / 16P
Digital Thermometer and
2015
DS1624 MAXIM-DS1624_V01 Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com