Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1624 Datasheet (PDF) - Dallas Semiconductor

DS1624 Datasheet PDF - Dallas Semiconductor
Part # DS1624
Download  DS1624 Download
File Size   594.88 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Thermometer and Memory

DS1624 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1624 Datasheet PDF - Dallas Semiconductor

Part # DS1624
Download  DS1624 Click to download

File Size   594.88 Kbytes
Page   16 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Thermometer and Memory

DS1624 Datasheet (HTML) - Dallas Semiconductor


DS1624 Product details

DESCRIPTION
The DS1624 consists of a digital thermometer and 256 bytes of E2 memory. The thermometer provides 13-bit temperature readings which indicate the temperature of the device. The E2 memory allows a user to store frequency compensation coefficients for digital correction of crystal frequency due to temperature. Any other type of information may also reside in this user space.

FEATURES
■ Temperature measurements require no external components
■ Measures temperatures from -55°C to +125°C in 0.03125°C increments.
   Fahrenheit equivalent is -67°F to +257°F in 0.05625°F increments
■ Temperature is read as a 13-bit value (two byte transfer)
■ Converts temperature to digital word in 1 second (max)
■ 256 bytes of E2 memory on board for storing information such as
   frequency compensation coefficients
■ Data is read from/written via a 2-wire serial interface (open drain I/O lines)
■ Applications include temperature compensated
   crystal oscillators for test equipment and radio systems
■ 8-pin DIP or SOIC packages




Similar Part No. - DS1624

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1624 MAXIM-DS1624 Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
DS1624+ MAXIM-DS1624+ Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
DS1624+ MAXIM-DS1624+ Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
DS1624S+ MAXIM-DS1624S+ Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
DS1624S+ MAXIM-DS1624S+ Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
More results


Similar Description - DS1624

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 3/08
DS1624 MAXIM-DS1624 Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75 MAXIM-DS75 Datasheet
630Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 2/08
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS1621 MAXIM-DS1621_V01 Datasheet
525Kb / 16P
Digital Thermometer and
2015
DS1624 MAXIM-DS1624_V01 Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com