Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL2F85 Datasheet (PDF) - Siemens Semiconductor Group

SPL2F85 Datasheet PDF - Siemens Semiconductor Group
Part # SPL2F85
Download  SPL2F85 Download
File Size   122.39 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product

SPL2F85 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPL2F85 Datasheet PDF - Siemens Semiconductor Group

Part # SPL2F85
Download  SPL2F85 Click to download

File Size   122.39 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product

SPL2F85 Datasheet (HTML) - Siemens Semiconductor Group


SPL2F85 Product details

Features
• Efficient radiation source for pulsed and cw-operation
• Reliable InGa(Al)As strained quantum-well material
• Small TO-220 package with efficient thermal coupling
• Includes thermistor to control temperature/wavelength
• Single emitting area 200 µm × 1 µm
• FC-type connector for efficient fiber coupling

Applications
• Pumping solid state lasers (Nd: YAG, Yb: YAG, …)
• Medical applications
• Laser soldering
• Energy transmission
• Testing and measuring applications




Similar Part No. - SPL2F85

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
More results


Similar Description - SPL2F85

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
SPLPLXX SIEMENS-SPLPLXX Datasheet
78Kb / 4P
Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
logo
OSRAM GmbH
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL2F94-2S OSRAM-SPL2F94-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
Rote Laser Diode in offener Bauform 0.5 W cw
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com