Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267 Datasheet (PDF) - Siemens Semiconductor Group

TLE4267 Datasheet PDF - Siemens Semiconductor Group
Part # TLE4267
Download  TLE4267 Download
File Size   139.28 Kbytes
Page   16 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 5-V Low-Drop Voltage Regulator

TLE4267 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4267 Datasheet PDF - Siemens Semiconductor Group

Part # TLE4267
Download  TLE4267 Click to download

File Size   139.28 Kbytes
Page   16 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 5-V Low-Drop Voltage Regulator

TLE4267 Datasheet (HTML) - Siemens Semiconductor Group


TLE4267 Product details

Functional Description
TLE 4267 is a 5-V low-drop voltage regulator in a TO220-7 package. It supplies an output current of > 400 mA. The IC is shortcircuit-proof and incorporates temperature protection that disables the IC at overtemperature.


Features
● Output voltage tolerance ≤ ± 2 %
● Low-drop voltage
● Very low standby current consumption
● Input voltage up to 40 V
● Overvoltage protection up to 60 V (≤ 400 ms)
● Reset function down to 1 V output voltage
● ESD protection up to 2000 V
● Adjustable reset time
● On/off logic
● Overtemperature protection
● Reverse polarity protection
● Short-circuit proof
● Wide temperature range
● Suitable for use in automotive electronics

Application
The IC regulates an input voltage VI in the range 5.5 V < VI < 40 V to VQrated = 5.0 V. A reset signal is generated for an output voltage VQ of < 4.5 V. The reset delay can be set with an external capacitor. The device has two logic inputs. It is turned-ON by a voltage of > 4 V on E2 by the ignition for example. It remains active as a function of the voltage on E6, even if the voltage on E2 goes Low. This makes it possible to implement a self holding circuit without external components. When the device is turned-OFF, the output voltage drops to 0 V and current consumption tends towards 0 µA.




Similar Part No. - TLE4267

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267 Datasheet
413Kb / 22P
5-V Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4267 INFINEON-TLE4267 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4267-2 INFINEON-TLE4267-2 Datasheet
1Mb / 20P
5-V Low Drop Voltage Regulator
Rev. 1.0, 2012-04-03
TLE4267-2G INFINEON-TLE4267-2G Datasheet
1Mb / 20P
5-V Low Drop Voltage Regulator
Rev. 1.0, 2012-04-03
TLE4267G INFINEON-TLE4267G Datasheet
413Kb / 22P
5-V Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
More results


Similar Description - TLE4267

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com