Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267 Datasheet (PDF) - Infineon Technologies AG

TLE4267 Datasheet PDF - Infineon Technologies AG
Part # TLE4267
Download  TLE4267 Download
File Size   413.12 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5-V Low Drop Voltage Regulator

TLE4267 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4267 Datasheet PDF - Infineon Technologies AG

Part # TLE4267
Download  TLE4267 Click to download

File Size   413.12 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5-V Low Drop Voltage Regulator

TLE4267 Datasheet (HTML) - Infineon Technologies AG


TLE4267 Product details

Functional Description
TLE 4267 is a 5-V low drop voltage regulator for automotive applications in the PG-TO220-7 or PG-DSO-14-30 package. It supplies an output current of > 400 mA. The IC is shortcircuit-proof and has an overtemperature protection circuit.

Features
• Output voltage tolerance ≤ ±2%
• 400 mA output current capability
• Low-drop voltage
• Very low standby current consumption
• Input voltage up to 40 V
• Overvoltage protection up to 60 V (≤ 400 ms)
• Reset function down to 1 V output voltage
• ESD protection up to 2000 V
• Adjustable reset time
• On/off logic
• Overtemperature protection
• Reverse polarity protection
• Short-circuit proof
• Wide temperature range
• Suitable for use in automotive electronics
• Green Product (RoHS compliant)
• AEC Qualified

Application
The IC regulates an input voltage VI in the range of 5.5 V < VI < 40 V to a nominal output voltage of VQ = 5.0 V. A reset signal is generated for an output voltage of VQ < VRT (typ. 4.5 V). The reset delay can be set with an external capacitor. The device has two logic inputs. A voltage of VE2 > 4.0 V given to the E2-pin (e.g. by ignition) turns the device on. Depending on the voltage on pin E6 the IC may be hold in active-state even if VE2 goes to low level. This makes it simple to implement a self-holding circuit without external components. When the device is turned off, the output voltage drops to 0 V and current consumption tends towards 0 μA.




Similar Part No. - TLE4267

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4267 SIEMENS-TLE4267 Datasheet
139Kb / 16P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4267-2 INFINEON-TLE4267-2 Datasheet
1Mb / 20P
5-V Low Drop Voltage Regulator
Rev. 1.0, 2012-04-03
TLE4267-2G INFINEON-TLE4267-2G Datasheet
1Mb / 20P
5-V Low Drop Voltage Regulator
Rev. 1.0, 2012-04-03
logo
Siemens Semiconductor G...
TLE4267G SIEMENS-TLE4267G Datasheet
139Kb / 16P
5-V Low-Drop Voltage Regulator
More results


Similar Description - TLE4267

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com