Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4267
Description  5-V Low Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4267 Datasheet HTML 3Page - Infineon Technologies AG TLE4267 Datasheet HTML 4Page - Infineon Technologies AG TLE4267 Datasheet HTML 5Page - Infineon Technologies AG TLE4267 Datasheet HTML 6Page - Infineon Technologies AG TLE4267 Datasheet HTML 7Page - Infineon Technologies AG TLE4267 Datasheet HTML 8Page - Infineon Technologies AG TLE4267 Datasheet HTML 9Page - Infineon Technologies AG TLE4267 Datasheet HTML 10Page - Infineon Technologies AG TLE4267 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TLE 4267
Data Sheet
7
Rev. 2.5, 2007-03-20
Table 4
Absolute Maximum Ratings
T
J = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Input
Voltage
V
I
-42
42
V
–
Voltage
V
I
–60
V
t
≤ 400 ms
Current
I
I
–
–
–
internally limited
Reset Output
Voltage
V
RO
-0.3
7
V
–
Current
I
RO
–
–
–
internally limited
Reset Delay
Voltage
V
D
-0.3
42
V
–
Current
I
D
–––
–
Output
Voltage
V
Q
-0.3
7
V
–
Current
I
Q
–
–
–
internally limited
Inhibit
Voltage
V
E2
-42
42
V
–
Current
I
E2
-5
5
mA
t
≤ 400 ms
Hold
Voltage
V
E6
-0.3
7
V
–
Current
I
E6
–
–
mA
internally limited
GND
Current
I
GND
-0.5
–
A
–
Temperatures
Junction temperature
T
J
–150
°C–
Storage temperature
T
stg
-50
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com