Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4267
Description  5-V Low Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4267 Datasheet HTML 14Page - Infineon Technologies AG TLE4267 Datasheet HTML 15Page - Infineon Technologies AG TLE4267 Datasheet HTML 16Page - Infineon Technologies AG TLE4267 Datasheet HTML 17Page - Infineon Technologies AG TLE4267 Datasheet HTML 18Page - Infineon Technologies AG TLE4267 Datasheet HTML 19Page - Infineon Technologies AG TLE4267 Datasheet HTML 20Page - Infineon Technologies AG TLE4267 Datasheet HTML 21Page - Infineon Technologies AG TLE4267 Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet
18
Rev. 2.5, 2007-03-20
TLE 4267
Figure 9
PG-TO263-7-1 (Plastic Transistor Single Outline)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
A
B
A
0.25 M
0.1
Typical
±0.2
10
8.5 1)
0...0.15
7 x 0.6 ±0.1
±0.1
GPT09114
1.27
4.4
B
0.5 ±0.1
0.05
1)
0.1
Metal surface min. X = 7.25, Y = 6.9
2.4
1.27
All metal surfaces tin plated, except area of cut.
0...0.3
B
6 x
8˚ MAX.
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com