Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4267 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4267
Description  5-V Low Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4267 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4267 Datasheet HTML 1Page - Infineon Technologies AG TLE4267 Datasheet HTML 2Page - Infineon Technologies AG TLE4267 Datasheet HTML 3Page - Infineon Technologies AG TLE4267 Datasheet HTML 4Page - Infineon Technologies AG TLE4267 Datasheet HTML 5Page - Infineon Technologies AG TLE4267 Datasheet HTML 6Page - Infineon Technologies AG TLE4267 Datasheet HTML 7Page - Infineon Technologies AG TLE4267 Datasheet HTML 8Page - Infineon Technologies AG TLE4267 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TLE 4267
Data Sheet
5
Rev. 2.5, 2007-03-20
Figure 2
Pin Configuration (top view)
Table 3
Pin Definitions and Functions
Pin
Symbol
Function
1I
Input; block to ground directly at the IC by a ceramic capacitor
2E2
Inhibit; device is turned on by High signal on this pin; internal
pull-down resistor of 100 k
Ω
7RO
Reset Output; open-collector output internally connected to
the output via a resistor of 30 k
Ω
3, 4, 5, 10,
11, 12
GND
Ground; connected to rear of chip
8D
Reset Delay; connect with capacitor to GND for setting delay
9E6
Hold; see Table 1 for function; this input is connected to output
voltage via a pull-up resistor of 50 k
Ω
13
Q
5-V Output; block to GND with 22-
µF capacitor, ESR ≤ 3 Ω
6, 14
N.C.
Not Connected
PG-DSO-14-30
AEP02710
E6
GND
N.C.
N.C.
RO
GND
Q
10
9
GND
GND
1
2
3
4
5
GND
6
7D
14
13
12
11
E2
GND
8
Ι



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com