Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4279A Datasheet (PDF) - Siemens Semiconductor Group

TLE4279A Datasheet PDF - Siemens Semiconductor Group
Part # TLE4279A
Download  TLE4279A Download
File Size   242.27 Kbytes
Page   19 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 5-V Low-Drop Fixed Voltage Regulator

TLE4279A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4279A Datasheet PDF - Siemens Semiconductor Group

Part # TLE4279A
Download  TLE4279A Click to download

File Size   242.27 Kbytes
Page   19 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 5-V Low-Drop Fixed Voltage Regulator

TLE4279A Datasheet (HTML) - Siemens Semiconductor Group


TLE4279A Product details

Functional Description
This device is a voltage regulator with a fixed 5-V output, e.g. in a P-DSO-8-1 package. The maximum operating voltage is 45 V. The output is able to drive a 150 mA load. It is short circuit protected and the thermal shutdown switches the output off if the junction temperature is in excess of 150 °C. A reset signal is generated for an output voltage of VQ < 4.6 V. The reset threshold voltage can be decreased by external connection of a voltage divider. The reset delay time can be set by an external capacitor.

Features
• Output voltage tolerance ≤ ± 2 %
• Very low current consumption
• Early warning
• Reset output low down to VQ = 1 V
• Overtemperature protection
• Reverse polarity proof
• Settable reset threshold
• Very low-drop voltage
• Wide temperature range




Similar Part No. - TLE4279A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4279 INFINEON-TLE4279 Datasheet
267Kb / 18P
5-V Low Drop Fixed Voltage Regulator
Rev. 2.4, 2007-03-20
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42794E INFINEON-TLE42794E Datasheet
548Kb / 28P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42794E INFINEON-TLE42794E Datasheet
1Mb / 32P
Very low Current Consumption
TLE42794G INFINEON-TLE42794G Datasheet
548Kb / 28P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
More results


Similar Description - TLE4279A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4270 IKSEMICON-ILE4270 Datasheet
254Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com