Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet (PDF) - Sipex Corporation

SP333 Datasheet PDF - Sipex Corporation
Part # SP333
Download  SP333 Download
File Size   175.85 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V Only RS-232/AppleTalk Programmable Transceiver

SP333 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP333 Datasheet PDF - Sipex Corporation

Part # SP333
Download  SP333 Click to download

File Size   175.85 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V Only RS-232/AppleTalk Programmable Transceiver

SP333 Datasheet (HTML) - Sipex Corporation


SP333 Product details

DESCRIPTION…
The SP333 is a monolithic device that supports both Macintosh™ and PC serial interfaces. RS-232 mode offers three (3) RS-232 drivers and five (5) RS-232 receivers. Mac mode includes a differential driver and a single-ended inverting driver. Receivers in Mac mode include one differential receiver, one non-inverting single-ended receiver and one inverting single-ended receiver. An on-chip charge pump allows +5V-only operation, and a low power Shutdown mode makes the SP333 ideal for battery powered applications. The interface mode can be changed at any time by a mode select pin.

■ +5V Only, Single Supply Operation
■ Low Power Shutdown
■ 28-Pin SOIC Packaging
■ 3 Drivers, 5 Receivers – RS-232
■ Complete AppleTalk™ Interface
■ High Data Rates
    5Mbps Differential Transceivers
    460kbps Single-Ended Transceivers




Similar Part No. - SP333

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
SP333CT SIPEX-SP333CT Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
SP333ET SIPEX-SP333ET Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
More results


Similar Description - SP333

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
Linear Technology
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
logo
Sipex Corporation
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Exar Corporation
SP336E EXAR-SP336E Datasheet
1Mb / 30P
3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
logo
Linear Technology
LTC1323 LINER-LTC1323_15 Datasheet
250Kb / 12P
Single 5V AppleTalk Transceiver
logo
Exar Corporation
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com