Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP333
Description  5V Only RS-232/AppleTalk Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333 Datasheet(HTML) 5 Page - Sipex Corporation

  SP333 Datasheet HTML 1Page - Sipex Corporation SP333 Datasheet HTML 2Page - Sipex Corporation SP333 Datasheet HTML 3Page - Sipex Corporation SP333 Datasheet HTML 4Page - Sipex Corporation SP333 Datasheet HTML 5Page - Sipex Corporation SP333 Datasheet HTML 6Page - Sipex Corporation SP333 Datasheet HTML 7Page - Sipex Corporation SP333 Datasheet HTML 8Page - Sipex Corporation SP333 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
TGoddard/SP333/9617R0
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2000 Sipex Corporation
+3V
0V
DRIVER INPUT
TX2
TX1
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
TX1 – TX2
0V
VO–
tSKEW
tSKEW
1.5V
1.5V
tPLH
tR
tF
f = 1MHz; tR < 10ns; tF < 10ns
VO
1/2VO
1/2VO
tPHL
VOH
VOL
RX
1.5V
1.5V
tPHL
f = 1MHz; tR < 10ns; tF < 10ns
OUTPUT
V0D2+
V0D2–
RI1–RI2
0V
0V
tPLH
INPUT
+3V
0V
TXEN
5V
VOL
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 10ns; tF < 10ns
VOH
TXx
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
TXx
Figure 4. Driver Enable and Disable Times
Figure 5. Receiver Propagation Delays
Figure 3. Driver Propagation Delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com