Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP333
Description  5V Only RS-232/AppleTalk Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP333 Datasheet HTML 5Page - Sipex Corporation SP333 Datasheet HTML 6Page - Sipex Corporation SP333 Datasheet HTML 7Page - Sipex Corporation SP333 Datasheet HTML 8Page - Sipex Corporation SP333 Datasheet HTML 9Page - Sipex Corporation SP333 Datasheet HTML 10Page - Sipex Corporation SP333 Datasheet HTML 11Page - Sipex Corporation SP333 Datasheet HTML 12Page - Sipex Corporation SP333 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
TGoddard/SP333/9617R0
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2000 Sipex Corporation
D
EH
PACKAGE: PLASTIC
SMALL OUTLINE (SOIC)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
A
A1
Ø
L
B
e
A
A1
B
D
E
e
H
L
Ø
28–PIN
0.093/0.104
(2.352/2.649)
0.004/0.012
(0.102/0.300)
0.013/0.020
(0.330/0.508)
0.697/0.713
(17.70/18.09)
0.291/0.299
(7.402/7.600)
0.050 BSC
(1.270 BSC)
0.394/0.419
(10.00/10.64)
0.016/0.050
(0.406/1.270)
0
°/8°
(0
°/8°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com