Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP333
Description  5V Only RS-232/AppleTalk Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333 Datasheet(HTML) 4 Page - Sipex Corporation

  SP333 Datasheet HTML 1Page - Sipex Corporation SP333 Datasheet HTML 2Page - Sipex Corporation SP333 Datasheet HTML 3Page - Sipex Corporation SP333 Datasheet HTML 4Page - Sipex Corporation SP333 Datasheet HTML 5Page - Sipex Corporation SP333 Datasheet HTML 6Page - Sipex Corporation SP333 Datasheet HTML 7Page - Sipex Corporation SP333 Datasheet HTML 8Page - Sipex Corporation SP333 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
TGoddard/SP333/9617R0
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2000 Sipex Corporation
SPECIFICATIONS (CONTINUED)
T
MIN to TMAX and VCC = 5V±5% unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-232 Receiver
Low Threshold
0.8
1.2
Volts
Input Voltage Range
-15
+15
Volts
Input Impedance
3
5
7
kOhms
V
IN=±15V
Hysteresis
0.2
0.5
1.0
Volts
V
CC=+5V
Transmission Rate
10
Mbps
Propagation Delay
t
PHL
100
600
ns
From 50% of V
IN to 1.5V of ROUT
t
PLH
100
600
ns
From 50% of V
IN to 1.5V of ROUT
Data Rate
460
600
kbps
POWER REQUIREMENTS
No Load Supply Current
15
25
mA
No load; V
CC=5.0V; TA=25˚C
Shutdown Supply Current
75
µAT
A=25˚C, VCC=5.0V
AC PARAMETERS
Differential Mode
t
PZL; Enable to Output low
200
1000
ns
C
L=100pF, Figures 2 & 4, S2 closed
t
PZH; Enable to Output high
200
1000
ns
C
L=100pF, Figures 2 & 4, S1 closed
t
PLZ; Disable from Output low
200
1000
ns
C
L=15pF, Figures 2 & 4, S2 closed
t
PHZ; Disable from Output high
200
1000
ns
C
L=15pF, Figures 2 & 4, S1 closed
Receiver Delay Time from Enable Mode to Tri-state Mode
Single-Ended Mode
t
PZL; Enable to Output low
200
1000
ns
C
RL=15pF, Figures 1 & 6, S1 closed
t
PZH; Enable to Output high
200
1000
ns
C
RL=15pF, Figures 1 & 6, S2 closed
t
PLZ; Disable from Output low
200
1000
ns
C
RL=15pF, Figures 1 & 6, S1 closed
t
PHZ; Disable from Output high
200
1000
ns
C
RL=15pF, Figures 1 & 6, S2 closed
Differential Mode
t
PZL; Enable to Output low
200
1000
ns
C
RL=15pF, Figures 1 & 6, S1 closed
t
PZH; Enable to Output high
200
1000
ns
C
RL=15pF, Figures 1 & 6, S2 closed
t
PLZ; Disable from Output low
200
1000
ns
C
RL=15pF, Figures 1 & 6, S1 closed
t
PHZ; Disable from Output high
200
1000
ns
C
RL=15pF, Figures 1 & 6, S2 closed
Notes:
1.
Measured from 2.5V of R
IN to 2.5V of ROUT.
2.
Measured from one–half of R
IN to 2.5V of ROUT.
3.
Measured from 1.5V of T
IN to one–half of TOUT.
4.
Measured from 2.5V of R
O to 0V of A and B.
500
Ω
CL
Output
Under
Test
S1
S2
VCC
1K
Ω
1K
Ω
CRL
Receiver
Output
S1
S2
Test Point
VCC
Figure
2.
Receiver
Timing
Test
Load
Circuit
Figure
1.
Driver
Timing
Test
Load
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com