Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP333 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP333
Description  5V Only RS-232/AppleTalk Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP333 Datasheet HTML 5Page - Sipex Corporation SP333 Datasheet HTML 6Page - Sipex Corporation SP333 Datasheet HTML 7Page - Sipex Corporation SP333 Datasheet HTML 8Page - Sipex Corporation SP333 Datasheet HTML 9Page - Sipex Corporation SP333 Datasheet HTML 10Page - Sipex Corporation SP333 Datasheet HTML 11Page - Sipex Corporation SP333 Datasheet HTML 12Page - Sipex Corporation SP333 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
TGoddard/SP333/9617R0
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2000 Sipex Corporation
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP333CT .............................................................................. 0˚C to +70˚C ......................................................................................... 28-Pin SOIC
SP333ET ............................................................................. -40˚C to +85˚C ........................................................................................ 28-Pin SOIC
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com