Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5566 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5566 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5566
Download  2N5566 Download
File Size   268.83 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description MATCHED N-CHANNEL JFET PAIRS

2N5566 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5566 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5566
Download  2N5566 Click to download

File Size   268.83 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description MATCHED N-CHANNEL JFET PAIRS

2N5566 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5566 Product details

DESCRIPTION
The 2N5564/5565/5566 are matched pairs of JFETs mounted in a TO-71 package. This two-chip design reduces parasitics for good performance at high frequency while ensuring extremely tight matching. This series features high breakdown voltage (V(BR)DSS typically > 55 V), high gain (typically > 9 mS), and <5 mV offset between the two die.

FEATURES
● Two-Chip Design
● High Slew Rate
● Low Offset/Drift Voltage
● Low Gate Leakage: 3 pA
● Low Noise: 12 nV⁄√Hz @ 10 Hz
● Good CMRR: 76 dB
● Minimum Parasitics

BENEFITS
● Tight Differential Match vs. Current
● Improved Op Amp Speed, Settling Time Accuracy
● Minimum Input Error/Trimming Requirement
● Insignificant Signal Loss/Error Voltage
● High System Sensitivity
● Minimum Error with Large Input Signals
● Maximum High Frequency Performance

APPLICATIONS
● Wideband Differential Amps
● High-Speed, Temp-Compensated, Single-Ended Input Amps
● High-Speed Comparators
● Impedance Converters
● Matched Switches




Similar Part No. - 2N5566

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5566 VISHAY-2N5566 Datasheet
48Kb / 5P
Matched N-Channel JFET Pairs
04-Jun-01
logo
New Jersey Semi-Conduct...
2N5566 NJSEMI-2N5566 Datasheet
93Kb / 1P
DUAL N-CHANNEL JFET
More results


Similar Description - 2N5566

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5564 VISHAY-2N5564 Datasheet
48Kb / 5P
Matched N-Channel JFET Pairs
04-Jun-01
U430 VISHAY-U430 Datasheet
53Kb / 6P
Matched N-Channel Pairs
04-Jun-01
logo
Micross Components
U440_TO-71 MICROSS-U440_TO-71 Datasheet
283Kb / 1P
a tightly matched Monolithic Dual N-Channel JFET
U441_TO-71 MICROSS-U441_TO-71 Datasheet
283Kb / 1P
a tightly matched Monolithic Dual N-Channel JFET
SST440_SOIC MICROSS-SST440_SOIC Datasheet
276Kb / 1P
a tightly matched Monolithic Dual N-Channel JFET
SST441_SOIC MICROSS-SST441_SOIC Datasheet
276Kb / 1P
a tightly matched Monolithic Dual N-Channel JFET
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
Matched Pairs of Emitters and Detectors
15-Mar-11
2N5564-E3 VISHAY-2N5564-E3 Datasheet
94Kb / 6P
Matched N-Channel JFET Pairs
24-Jan-05
U440-E3 VISHAY-U440-E3 Datasheet
62Kb / 7P
Matched N-Channel JFET Pairs
04-Jun-01
U430 VISHAY-U430_V01 Datasheet
65Kb / 7P
Matched N-Channel Pairs
04-Jun-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com