Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5566 Datasheet (PDF) - Vishay Siliconix

2N5566 Datasheet PDF - Vishay Siliconix
Part # 2N5566
Download  2N5566 Download
File Size   48.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Matched N-Channel JFET Pairs

2N5566 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5566 Datasheet PDF - Vishay Siliconix

Part # 2N5566
Download  2N5566 Click to download

File Size   48.38 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Matched N-Channel JFET Pairs

2N5566 Datasheet (HTML) - Vishay Siliconix


2N5566 Product details

DESCRIPTION
The 2N5564/5565/5566 are matched pairs of JFETs mounted in a TO-71 package. This two-chip design reduces parasitics for good performance at high frequency while ensuring extremely tight matching. This series features high breakdown voltage (V(BR)DSS typically > 55 V), high gain (typically > 9 mS), and <5 mV offset between the two die.

FEATURES
● Two-Chip Design
● High Slew Rate
● Low Offset/Drift Voltage
● Low Gate Leakage: 3 pA
● Low Noise: 12 nV⁄√Hz @ 10 Hz
● Good CMRR: 76 dB
● Minimum Parasitics

BENEFITS
● Tight Differential Match vs. Current
● Improved Op Amp Speed, Settling Time Accuracy
● Minimum Input Error/Trimming Requirement
● Insignificant Signal Loss/Error Voltage
● High System Sensitivity
● Minimum Error with Large Input Signals
● Maximum High Frequency Performance

APPLICATIONS
● Wideband Differential Amps
● High-Speed, Temp-Compensated, Single-Ended Input Amps
● High-Speed Comparators
● Impedance Converters
● Matched Switches




Similar Part No. - 2N5566

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5566 NJSEMI-2N5566 Datasheet
268Kb / 2P
MATCHED N-CHANNEL JFET PAIRS
2N5566 NJSEMI-2N5566 Datasheet
93Kb / 1P
DUAL N-CHANNEL JFET
More results


Similar Description - 2N5566

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U430 VISHAY-U430 Datasheet
53Kb / 6P
Matched N-Channel Pairs
04-Jun-01
logo
Micross Components
U440_TO-71 MICROSS-U440_TO-71 Datasheet
283Kb / 1P
a tightly matched Monolithic Dual N-Channel JFET
U441_TO-71 MICROSS-U441_TO-71 Datasheet
283Kb / 1P
a tightly matched Monolithic Dual N-Channel JFET
SST440_SOIC MICROSS-SST440_SOIC Datasheet
276Kb / 1P
a tightly matched Monolithic Dual N-Channel JFET
SST441_SOIC MICROSS-SST441_SOIC Datasheet
276Kb / 1P
a tightly matched Monolithic Dual N-Channel JFET
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
Matched Pairs of Emitters and Detectors
15-Mar-11
logo
New Jersey Semi-Conduct...
2N5564 NJSEMI-2N5564 Datasheet
268Kb / 2P
MATCHED N-CHANNEL JFET PAIRS
logo
Vishay Siliconix
2N5564-E3 VISHAY-2N5564-E3 Datasheet
94Kb / 6P
Matched N-Channel JFET Pairs
24-Jan-05
U440-E3 VISHAY-U440-E3 Datasheet
62Kb / 7P
Matched N-Channel JFET Pairs
04-Jun-01
U430 VISHAY-U430_V01 Datasheet
65Kb / 7P
Matched N-Channel Pairs
04-Jun-01
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com