Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6644 Datasheet (PDF) - Sipex Corporation

SP6644 Datasheet PDF - Sipex Corporation
Part # SP6644
Download  SP6644 Download
File Size   240.18 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter

SP6644 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6644 Datasheet PDF - Sipex Corporation

Part # SP6644
Download  SP6644 Click to download

File Size   240.18 Kbytes
Page   15 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter

SP6644 Datasheet (HTML) - Sipex Corporation


SP6644 Product details

DESCRIPTION
The SP6644/6645 devices are high-efficiency, low-power step-up DC-DC converters ideal for single or dual alkaline cell applications such as pagers, remote controls, pointing devices, medical monitors, and other low-power portable end products. Designers can control the SP6644 device with an active LOW shutdown input. The SP6644 device features an active low output for batteries below +1.0V. The SP6645 device features an active low output for batteries below +2.0V. Both devices contain a 0.8Ω synchronous rectifier, a 0.5Ω N-channel MOSFET power switch, an internal voltage reference, circuitry for pulse-frequency-modulation, and an under voltage comparator. The output voltage for the SP6644/6645 devices is preset to +3.3V + 4% or can be adjusted from +2V to +5.5V by manipulating two external resistors

■ 90mA Output Current at 1.3V Input
■ 190mA Output Current at 2.6V Input
■ +2V to +5.5V Output Range
■ 0.88V Guaranteed Start-Up
■ 92% High Efficiency
■ 1.6µA Quiescent Supply Current at VBATT
■ Reverse Battery Protection
■ Internal Synchronous Rectifier
■ 5nA Logic Controlled Shutdown Current From VBATT
■ Low-Battery Detection Active LOW Output
■ Small 8 Pin MSOP Package
■ No External FETs
■ Flexibility to Optimize Inductor Type with Programmable Peak Current Control




Similar Part No. - SP6644

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
201Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
145Kb / 5P
Evaluation Board Manual
SP6644 SIPEX-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency
More results


Similar Description - SP6644

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
201Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Sipex Corporation
SP6644 SIPEX-SP6644_05 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644EU-L SIPEX-SP6644EU-L Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com