Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6644 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6644
Description  Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6644 Datasheet HTML 1Page - Sipex Corporation SP6644 Datasheet HTML 2Page - Sipex Corporation SP6644 Datasheet HTML 3Page - Sipex Corporation SP6644 Datasheet HTML 4Page - Sipex Corporation SP6644 Datasheet HTML 5Page - Sipex Corporation SP6644 Datasheet HTML 6Page - Sipex Corporation SP6644 Datasheet HTML 7Page - Sipex Corporation SP6644 Datasheet HTML 8Page - Sipex Corporation SP6644 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Rev:B Date 4/13/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated in
the operation sections of the specifications below is not
implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability.
V
BATT to GND.............................................-0.3 to 6.0V
V
OUT to GND..............................................-0.3 to 6.0V
LX, SHDN, FB, BATTLO, to GND.............-0.3 to 6.0V
Reverse battery Current, T
AMB=+25˚C.............220mA
(NOTE 1)
V
BATT forward current............................................0.5A
V
OUT, LX current......................................................1A
Storage Temperature Range............-65˚C to +165˚C
Lead Temperature (soldering 10s)..................+300˚C
Operating Temperature.......................-40˚C to +85˚C
Power Dissipation Per Package
8-pin µSOIC (derate 4.85mW/OC above +70OC)..........390mW
V
BATT = VSHDN = 1.3V, ILOAD = 0mA, FB = GND, TAMB = -40
oC to +85oC, and typical values are at T
AMB = +25
oC unless otherwise noted.
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
U
♦
♦
♦
♦
♦
S
N
O
I
T
I
D
N
O
C
,
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
t
a
r
e
p
O
m
u
m
i
x
a
M
V
)
X
A
M
(
T
T
A
B
3
.
3V
♦
♦
♦
♦
♦
V
,
e
g
a
t
l
o
V
t
u
p
n
I
p
U
-
t
r
a
t
S
T
T
A
B
2
8
.
01
.
1V
♦
♦
♦
♦
♦
R
L
k
3
=
Ω,
V
,
e
g
a
t
l
o
V
t
u
p
n
I
p
U
-
t
r
a
t
S
T
T
A
B
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
1
-
C
º
V
m
e
g
a
t
l
o
V
t
u
p
n
I
N
D
H
S
V
L
I
V
H
I
0
8
5
1%
V
f
o
%
T
T
A
B
V
f
o
%
T
T
A
B
t
n
e
r
r
u
C
t
u
p
n
I
N
D
H
S1
0
0
1A
n
♦
♦
♦
♦
♦
t
n
e
r
r
u
C
t
u
p
n
I
B
F1
0
0
1A
n
♦
♦
♦
♦
♦
V
B
F
,
V
3
.
1
=
V
,
e
g
a
t
l
o
V
t
e
S
B
F
B
F
5
1
2
.
12
6
2
.
19
0
3
.
1V
♦
♦
♦
♦
♦
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
e
g
a
t
l
o
V
p
i
r
T
g
n
il
l
a
F
O
L
T
T
A
B4
9
.
0
8
8
.
1
0
0
.
1
0
0
.
2
6
0
.
1
2
1
.
2
V
♦
♦
♦
♦
♦
V
,
4
4
6
6
P
S
T
U
O
V
3
.
3
=
V
,
5
4
6
6
P
S
T
U
O
V
3
.
3
=
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
T
U
O
6
1
.
30
3
.
34
4
.
3V
♦
♦
♦
♦
♦
V
B
F
V
1
.
0
<
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
t
u
O0
.
25
.
5V
♦
♦
♦
♦
♦
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
e
c
n
a
t
s
i
s
e
R
-
n
O
l
e
n
n
a
h
C
-
N5
.
00
.
1
Ω
V
T
U
O
V
3
.
3
=
e
c
n
a
t
s
i
s
e
R
-
n
O
l
e
n
n
a
h
C
-
P8
.
06
.
1
Ω
V
T
U
O
V
3
.
3
=
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com