Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6644 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6644
Description  Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6644 Datasheet HTML 7Page - Sipex Corporation SP6644 Datasheet HTML 8Page - Sipex Corporation SP6644 Datasheet HTML 9Page - Sipex Corporation SP6644 Datasheet HTML 10Page - Sipex Corporation SP6644 Datasheet HTML 11Page - Sipex Corporation SP6644 Datasheet HTML 12Page - Sipex Corporation SP6644 Datasheet HTML 13Page - Sipex Corporation SP6644 Datasheet HTML 14Page - Sipex Corporation SP6644 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
Rev:B Date 4/13/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
Figure 29. Schematic SP6644/6201 DC/DC LDO Combination
0.88V to 3.3V Input
VBATT
GND
BATTLO
SHDN
C1
47µF
J1
1
2
3
R3
2.5k
Probe access points for external connection by the user
R2
100k
R1
Open
L1 22µH
+3.3V
VOUT
C2
47µF
+3.0V
VOUT
C3
1µF
SP6201
GND
SP6644
U1
VBATT
RLIM
BATTLO
SHDN
VOUT
GND
LX
FB
R4 1M
LX
+
+
VIN
GND
ENABLE
RESET_N
VOUT
1
2
3
4
5
7
6
8
1
2
3
4
5
SCHEMATIC WITH LDO COMBINATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com